Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT86RF211 Datasheet HTML 1Page - ATMEL Corporation AT86RF211 Datasheet HTML 2Page - ATMEL Corporation AT86RF211 Datasheet HTML 3Page - ATMEL Corporation AT86RF211 Datasheet HTML 4Page - ATMEL Corporation AT86RF211 Datasheet HTML 5Page - ATMEL Corporation AT86RF211 Datasheet HTML 6Page - ATMEL Corporation AT86RF211 Datasheet HTML 7Page - ATMEL Corporation AT86RF211 Datasheet HTML 8Page - ATMEL Corporation AT86RF211 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
AT86RF211
1942C–WIRE–06/02
General Overview
General Overview of
Functioning
The AT86RF211 is a microcontroller RF peripheral: all the user has to do is to write/read
registers to setup the chip (i.e. frequency selection) or have information about parame-
ters such as RSSI level, Vbattery, PLL lock state. All these operations are carried out via
a three-wire serial interface.
Normal Mode
Thechip isset-upbythe microcontroller: frequency and mode (Rx or Tx). Then it acts
like a "pipe": any data entering DATAMSG is immediately radiated (Tx) or any wanted
signal collected by the aerial is demodulated, transferred to the microcontroller by the
same pin DATAMSG (Rx) as reshaped bits. No data is stored or processed into the
chip. See Figure 1.
Note:
In Rx mode, a clock recovery DATACLK is available on the digital interface to provide the
microcontroller with a synchronization signal.
Wake-up Mode
The chip is set up in a special Rx mode called sleep mode. The chip wakes up periodi-
cally thanks to its internal timer (stand alone procedure, the microcontroller is in power-
down mode), waiting for an expected message previously defined. If no correct
sequence is received, the periodic scan continues.
If a correct message is detected, its data field is stored into the AT86RF211 (up to 32
bits) and an interrupt is generated on the WAKEUP pin.
See Figure 2 and Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com