Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT86RF211
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT86RF211 Datasheet HTML 34Page - ATMEL Corporation AT86RF211 Datasheet HTML 35Page - ATMEL Corporation AT86RF211 Datasheet HTML 36Page - ATMEL Corporation AT86RF211 Datasheet HTML 37Page - ATMEL Corporation AT86RF211 Datasheet HTML 38Page - ATMEL Corporation AT86RF211 Datasheet HTML 39Page - ATMEL Corporation AT86RF211 Datasheet HTML 40Page - ATMEL Corporation AT86RF211 Datasheet HTML 41Page - ATMEL Corporation AT86RF211 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
AT86RF211
1942C–WIRE–06/02
• WL2 programming
WL2 can be set as a multiple of WL1 from 0 to 31 WL1.
Wake-upDataRateRegister
(WUR)
Table 18. WL2 Programming
WL2[2:0]
Period
Comments
(000)
2
0
Simultaneous test of the RSSI and the header
(001)
2
1xWL1
(010)
2
2xWL1
(011)
2
3xWL1
(100)
2
4xWL1
(101)
2
8xWL1
(110)
2
16 x WL1
(111)
2
31 x WL1
Table 19. WUR Overview
Name
WUOP
RATECHK
RATE
RATETOL
nbit
17-16
15
14-5
4-0
init
(01)
2
0
(0000010000)
2
(01000)
2
Table 20. WUR Detailed Description
Name
Number of bits
Comments
WUOP
2
WAKEUP output polarity
(00)
2: WAKEUP pin active low
(01)2: WAKEUP pin active high
(1x)
2: WAKEUP pin open drain (active low, inactive tri-state)
reset value: (01)2
RATECHK
1
Data rate check
the data rate is automatically extracted from the HEADER field.
the data rate can be compared to RATE with a tolerance of plus or minus RATETOL.
Data rate is computed from a unit of 1.56
µs (Reference clock divided by 16).
0: data rate not checked.
1: data rate check done (header ignored if check fails).
reset value: 0
RATE
10
Data rate value
0d: min value = 1 x 1.56 µs
(1023)
10: max value = 1024 x 1.56 µs
reset value: 64 x 1.56
µs
reset value: (63)
10
RATETOL
5
Data rate tolerance
0d: min value = 0 x 1.56 µs
(31)
10: max value = 31 x 1.56 µs
reset value: 8 x 1.56 µs
resetvalue:(8)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com