Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
4256B–USB–03/06
AT89C5132
Note:
1. X2B initializes the X2 bit in CKCON during the reset phase.
2. In order to ensure boot loader activation at first power-up, AT89C5132 products are delivered
with BLJB programmed.
3. Bits 0 to 3 (LSN) can only be programmed by hardware mode.
Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase.
Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase.
Physical Layer
The USB norm specifies all the transfers over the USB line. The USB specification also includes
several CLASS and SUB-CLASS specifications. These stand-alone documents are used by the
manufacturer to implement a USB link between a PC and a device supporting the In-System
Programming. Mostly, the USB specification is implemented by hardware (automatic reply,
handshakes, timings, …) and the USB Classes and SubClasses are implemented by software at
a data level.
Figure 3. USB Bus Topography
The USB used to transmit information has the following configuration:
•
USB DFU using the Default Control Endpoint only (endpoint 0) with a 32 bytes length.
•
48 MHz for USB controller: frequency auto-detection performed by the bootloader.
Table 6. SBV Byte – Software Boot Vector
7
6
5
4
3
2
1
0
ADD15
ADD14
ADD13
ADD12
ADD11
ADD10
ADD9
ADD8
Bit Number
Bit
Mnemonic
Description
7-0
ADD15:8
MSB of the user’s boot loader 16-bit address location
Refer to the boot loader datasheet for usage information (boot loader dependent)
Table 7. SSB Byte – Software Security Byte
7
6
5
4
3
2
1
0
SSB7
SSB6
SSB5
SSB4
SSB3
SSB2
SSB1
SSB0
Bit Number
Bit
Mnemonic
Description
7-0
SSB7:0
Software Security Byte Data
Refer to the boot loader datasheet for usage information (boot loader dependent)
PC (Host)
Application (Device)
USB line
Downstream Transfer: OUT
Upstream Transfer: IN
PC Driver
PC Application
Device driver/API
Firmware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com