Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 29Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 30Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 31Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
29
4256B–USB–03/06
AT89C5132
Program
Configuration
Information
•
Parameter settings
•
Instruction: LCALL FFC0h.
Notes:
1. Unprogram BLJB so disable bootloader exection at reset.
2. Program BLJB so enable bootloader exection at reset.
3. Unprogram X2B so disable X2 mode at reset.
4. Program X2B so enable X2 mode at reset.
5. Refer to the AT89C5132 datasheet for information on Write operation Timing.
6. No special resources are used by the bootloader during these operations.
Erasing the Flash
The AT89C5132 Flash memory is divided into four blocks:
Block 0: from address 0000h to 1FFFh (64 pages)
Block 1: from address 2000h to 3FFFh (64 pages)
Block 2: from address 4000h to 7FFFh (128 pages)
Block 3: from address 8000h to FFFFh (256 pages)
•
Parameter settings
•
Instruction: LCALL FFC0h.
Note:
1. Refer to the AT89C5132 datasheet for information on Write operation Timing, then multiply this
timing by the number of pages.
2. No special resources are used by the bootloader during these operations.
Starting the
Bootloader
This routine allows to start at the beginning of the bootloader as after a reset. After calling this
routine the regular boot process is performed and the communication must be opened before
any action.
•
No special parameter setting
•
Set bit ENBOOT in AUXR1 register
•
instruction: LJUMP or LCALL at address F000h
API Name
api_command
api_dph
api_dpl
api_value
__api_clr_BLJB(1)
07h
–
–
(HSB & BFh) |
40h
__api_set_BLJB(2)
07h
–
–
HSB & BFh
__api_clr_X2(3)
07h
–
–
(HSB & 7Fh) |
80h
__api_set_X2(4)
07h
–
–
HSB & 7Fh
__api_wr_BSB
04h
–
00h
value to write
__api_wr_SBV
04h
–
01h
value to write
__api_wr_SSB
04h
–
05h
value to write
__api_wr_EB
04h
–
06h
value to write
API Name
api_command
api_dph
api_dpl
api_value
__api_erase_block0
00h
00h
–
–
__api_erase_block1
00h
20h
–
–
__api_erase_block2
00h
40h
–
–
__api_erase_block3
00h
80h
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com