Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
12
4256B–USB–03/06
AT89C5132
Protocol
Device Firmware
Upgrade Introduction
Device Firmware Upgrade is the mechanism for accomplishing the task of upgrading the device
firmware. Any class of USB device can exploit this capability by supporting the requirements
specified in this document.
Because it is impractical for a device to concurrently perform both DFU operations and its nor-
mal run-time activities, those normal activities must cease for the duration of the DFU
operations. Doing so means that the device must change its operating mode; i.e., a printer is not
a printer while it is undergoing a firmware upgrade; it is a PROM programmer. However, a
device that supports DFU is not capable of changing its mode of operation on its own. External
(human or host operating system) intervention is required.
DFU Specific
Requests
In addition of the USB standard requests, 7 DFU class-specific requests are employed to
accomplish the upgrade operations, see Figure 4.
DFU Descriptors Set
The device exports the DFU descriptor set, which contains:
•
A DFU device descriptor
•
A single configuration descriptor
•
A single interface descriptor (including descriptors for alternate settings, if present)
•
A single functional descriptor
DFU Device Descriptor
This descriptor is only present in the DFU mode descriptor set. The DFU class code is reported
in the bDeviceClass field of this descriptor.
Table 9. USB Parameters
Table 8. DFU Class-specific Requests
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0010 0001b
DFU_DETACH (0)
wTimeout
Interface (4)
Zero
none
0010 0001b
DFU_DNLOAD (1)
wBlock
Interface (4)
Length
Firmware
1010 0001b
DFU_UPLOAD (2)
wBlock
Interface (4)
Length
Firmware
1010 0001b
DFU_GETSTATUS (3)
Zero
Interface (4)
6
Status
0010 0001b
DFU_CLRSTATUS (4)
Zero
Interface (4)
Zero
none
1010 0001b
DFU_GETSTATE (5)
Zero
Interface (4)
1
State
0010 0001b
DFU_ABORT (6)
Zero
Interface (4)
Zero
none
Parameter
ATMEL – AT89C5132 Bootloader
Vendor ID
0x03EB
Product ID
0x2FFF
Release Number
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com