Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
4256B–USB–03/06
AT89C5132
In-System
Programming
The ISP allows the user to program or reprogram the microcontroller’s on-chip Flash memory
through the serial line without removing it from the system and without the need of a pre-pro-
grammed application.
This section describes how to start the USB bootloader and the higher level protocol.
Bootloader
Execution
As internal C51 code space is limited to 64K bytes, some mechanisms are implemented to allow
boot memory to be mapped in the code space for execution at addresses F000h to FFFFh. The
boot memory is enabled by setting the ENBOOT bit in AUXR1 (see Table 4). The three ways to
set this bit are detailed below.
Software Boot
Mapping
The software way to set ENBOOT consists in writing to AUXR1 from the user’s software. This
enables bootloader or API routines execution.
Hardware Condition
Boot Mapping
The hardware condition is based on the ISP# pin. When driving this pin to low level, the chip
reset sets ENBOOT and forces the reset vector to F000h instead of 0000h in order to execute
the bootloader software.
As shown in Figure 2, the hardware condition always allows In-System recovery when user’s
memory has been corrupted.
Programmed
Condition Boot
Mapping
The programmed condition is based on the Bootloader Jump Bit (BLJB) in HSB (see Table 5).
As shown in Figure 2, this bit is programmed (by hardware or software programming mode), the
chip reset set ENBOOT and forces the reset vector to F000h instead of 0000h, in order to exe-
cute the bootloader software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com