Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 29Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
26
4256B–USB–03/06
AT89C5132
In-Application
Programming/S
elf-
Programming
The IAP allows to reprogram the microcontroller on-chip Flash memory without removing it from
the system and while the embedded application is running.
The user application can call Application Programming Interface (API) routines allowing IAP.
These API are executed by the bootloader.
To call the corresponding API, the user must use a set of Flash_api routines which can be linked
with the application.
Example of Flash_api routines are available on the Atmel web site:
C Flash Drivers for the AT89C5132
The Flash_api routines on the package work only with the USB bootloader.
The Flash_api routines are listed in APPENDIX-B.
API Call
Process
The application selects an API by setting the 4 variables available when the Flash_api library is
linked to the application.
These four variables are located in RAM at fixed address:
•
api_command: 1Ch
•
api_value: 1Dh
•
api_dph: 1Eh
•
api_dpl: 1Fh
All calls are made through a common interface “USER_CALL” at the address FFC0h.
The jump at the USER_CALL must be done by LCALL instruction to be able to comeback in the
application.
Before jump at the USER_CALL, the bit ENBOOT in AUXR1 register must be set.
Constraints
The interrupts are not disabled by the bootloader.
Interrupts must be disabled by user prior to jump to the USER_CALL, then re-enabled when
returning.
The user must take care of hardware watchdog before launching a Flash operation.
For more information regarding the Flash writing time see the AT89C5132 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com