Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
18
4256B–USB–03/06
AT89C5132
Request from Host
Write Command
The write command is 6 bytes long. In order to reach the USB specification of the Control type
transfers, the write command is completed with 26 (=32-6) non-significant bytes. The total length
of the command is then 32 bytes, which is the length of the Default Control Endpoint.
Firmware
The firmware can now be downloaded to the device. In order to be in accordance with the Flash
page size (128 bytes), X non-significant bytes are added before the first byte to program. The X
number is calculated to align the beginning of the firmware with the Flash page. X =
start_address [32]. For example, if the start address is 00AFh (175d), X = 175 [32] = 15.
DFU Suffix
The DFU suffix of 16 bytes are added just after the last byte to program. This suffix is reserved
for future use.
- 12
idProduct
2
ID
The product ID associated with this file. Either FFFFf
or must match device’s product ID
- 14
bcdDevice
2
BCD
The release number of the device associated with this
file. Either FFFFh or a BCD firmware release or
version number
Table 16. DFU File Suffix
Offset
Field
Size
Value
Description
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0010 0001b
DFU_DNLOAD (1)
wBlock
Interface (4)
Length
Firmware
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_prog_start
01h
00h
start_address
end_address
Init Flash programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com