Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
4256B–USB–03/06
AT89C5132
Clear Status
Any time the device detects an error and reports an error indication status to the host in the
response to a DFU_GETSTATUS request, it enters the dfuERROR state. The device cannot
transition from the dfuERROR state, after reporting any error status, until after it has received a
DFU_CLRSTATUS request. Upon receipt of DFU_CLRSTATUS, the device sets a status of OK
and transitions to the dfuIDLE state. Only then it is able to transition to other states.
errVENDOR
0x0B
iString indicates a vendor-specific error
errUSBR
0x0C
Device detected unexpected USB reset signaling
errPOR
0x0D
Device detected unexpected power on reset
errUNKNOWN
0x0E
Something went wrong, but the device does not know what it was
errSTALLEDPK
0x0F
Device stalled an unexpected request
Table 15. bState Values
State
Value
Description
appIDLE
0
Device is running its normal application
appDETACH
1
Device is running its normal application, has received the DFU_DETACH
request, and is waiting for a USB reset
dfuIDLE
2
Device is operating in the DFU mode and is waiting for requests
dfuDNLOAD-SYNC
3
Device has received a block and is waiting for the Host to solicit the status via
DFU_GETSTATUS
dfuDNBUSY
4
Device is programming a control-write block into its non-volatile memories
dfuDNLOAD-IDLE
5
Device is processing a download operation. Expecting DFU_DNLOAD requests
dfuMANIFEST-SYNC
6
Device has received the final block of firmware from the Host and is waiting for
receipt of DFU_GETSTATUS to begin the Manifestation phase
or
device has completed the Manifestation phase and is waiting for receipt of
DFU_GETSTATUS.
dfuMANIFEST
7
Device is in the Manifestation phase.
dfuMANIFEST-WAIT-
RESET
8
Device has programmed its memories and is waiting for a USB reset or a power
on reset.
dfuUPLOAD-IDLE
9
The device is processing an upload operation. Expecting DFU_UPLOAD
requests.
dfuERROR
10
An error has occurred. Awaiting the DFU_CLRSTATUS request.
Table 14. bStatus Values (Continued)
Status
Value
Description
bmRequestType
bRequest
wValue
wIndex
wLength
Data
0010 0001b
DFU_CLRSTATUS (4)
Zero
Interface (4)
0
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com