Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
17
4256B–USB–03/06
AT89C5132
Device State
This request solicits a report about the state of the device. The state reported is the current state
of the device with no change in state upon transmission of the response. The values specified in
the bState field are identical to those reported in DFU_GETSTATUS.
DFU_ABORT Request
The DFU_ABORT request enables the device to exit from certain states and return to the
DFU_IDLE state. The device sets the OK status on receipt of this request. For more information,
see the corresponding state transition summary.
Programming the
Flash
The firmware image is downloaded via control-write transfers initiated by the DFU_DNLOAD
class-specific request. The host sends between bMaxPacketSize0 and wTransferSize bytes to
the device in a control-write transfer. Following each downloaded block, the host solicits the
device status with the DFU_GETSTATUS request.
As described in the USB DFU Specification, Firmware images for specific devices are, by defini-
tion, vendor specific. It is therefore required that target addresses, record sizes, and all other
information relative to supporting an upgrade are encapsulated within the firmware image file. It
is the responsibility of the device manufacturer and the firmware developer to ensure that their
devices can consume these encapsulated data. With the exception of the DFU file suffix, the
content of the firmware image file is irrelevant to the host.
Firmware image:
•
32 bytes: Command
•
X bytes: X is the number of byte (00h) added before the first significative byte of the
firmware. The X number is calculated to align the beginning of the firmware with the Flash
page. X = start_address [32]. For example, if the start address is 00AFh (175d), X = 175 [32]
= 15.
•
The firmware
•
The DFU Suffix on 16 Bytes
bmRequestType
bRequest
wValue
wIndex
wLength
Data
1010 0001b
DFU_GETSTATE (5)
Zero
Interface (4)
1
State
bmRequestType
bRequest
wValue
wIndex
wLength
Data
1010 0001b
DFU_ABORT (6)
Zero
Interface (4)
0
None
Table 16. DFU File Suffix
Offset
Field
Size
Value
Description
- 0
dwCRC
4
Number
The CRC of the entire file, excluding dwCRC
- 4
bLength
1
16
The length of this DFU suffix including dwCRC
- 5
ucDfuSignature
3
5: 44h
6: 46h
7: 55h
The unique DFU signature field
- 8
bcdDFU
2
BCD
0100h
DFU specification number
- 10
idVendor
2
ID
The vendor ID associated with this file. Either FFFFh
or must match device’s vendor ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com