Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
4256B–USB–03/06
AT89C5132
Programming
Configuration
Information
The flow described below allows the user to program Configuration Information regarding the
bootloader functionality.
•
Boot Process Configuration:
–
BSB
–
SBV
–
Fuse bits (BLJB, X2B) (see Section “Mapping and Default Value of Hardware
Security Byte”, page 3).
Ensure that the Program Fuse bit command programs the 4 Fuse bits at the same time.
Request from Host
To start the programming operation, the Host sends DFU_DNLOAD request with the Write com-
mand in the data field (6 bytes).
Answers from
Bootloader
The device has two possible answers to a DFU_GETSTATUS request:
•
If the chip is protected from program access, a “err_WRITE” status is returned to the Host.
•
Otherwise, the device status is “OK“.
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_write_command
04h
01h
00h
Value
Write value in BSB
01h
Write value in SBV
05h
Write value in SSB
06h
Write value in EB
02h
00h
Value
Write value in Fuse (HSB)
OUT
Write_command (6 bytes)
SETUP
DFU_DNLOAD
IN
ZLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com