Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 24 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
24
4256B–USB–03/06
AT89C5132
Erasing the Flash
The flow described below allows the user to erase the Flash memory.
Two modes of Flash erasing are possible:
•
Full chip erase
•
Block erase
The Full Chip erase command erases the whole Flash (32 Kbytes) and sets some Configuration
Bytes at their default values:
•
BSB = FFh
•
SBV = FFh
•
SSB = FFh (NO_SECURITY)
The Block erase command erases only a part of the Flash.
Four Blocks are defined in the AT89C5132:
•
block0 (from 0000h to 1FFFh)
•
block1 (from 2000h to 3FFFh)
•
block2 (from 4000h to 7FFFh)
•
block3 (from 8000h to FFFFh)
Request From Host
To start the erasing operation, the Host sends a DFU_DNLOAD request with a Write Command
in the data field (2 bytes).
Answers from
Bootloader
The device has two possible answers to a DFU_GETSTATUS request:
•
If the chip is protected from program access, a “err_WRITE” status is returned to the Host.
•
Otherwise, the device status is “OK“.
The full chip erase is always executed whatever the Software Security Byte value is.
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_write_command
04h
00h
00h
Erase block0 (0K to 8K)
20h
Erase block1 (8K to 16K)
40h
Erase block2 (16K to 32K)
80h
Erase block3 (32K to 64K)
FFh
Full Chip Erase (bits at FFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com