Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89C5132-ROTIL Datasheet HTML 1Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3
4256B–USB–03/06
AT89C5132
ISP Communication
Management
The purpose of this process is to manage the communication and its protocol between the on-
chip bootloader and an external device (host). The on-chip bootloader implements a USB proto-
col (see Section “Protocol”, page 12). This process translates serial communication frames
(USB) into Flash memory accesses (read, write, erase...).
User Call Management
Several Application Program Interface (API) calls are available to the application program to
selectively erase and program Flash pages. All calls are made through a common interface (API
calls) included in the bootloader. The purpose of this process is to translate the application
request into internal Flash memory operations.
Flash Memory
Management
This process manages low level accesses to the Flash memory (performs read and write
accesses).
Bootloader Configuration
Configuration and
Manufacturer
Information
The following table lists Configuration and Manufacturer byte information used by the boot-
loader. This information can be accessed through a set of API or ISP commands.
Mapping and Default
Value of Hardware
Security Byte
The 4 MSB of the Hardware Byte can be read/written by software (this area is called Fuse bits).
The 4 LSB can only be read by software and written by hardware using parallel programmer
devices, this area is called Lock bits.
Note:
U: Unprogrammed = 1
P: Programmed = 0
Table 1. Configuration and Manufacturer Information
Mnemonic
Description
Default Value
BSB
Boot Status Byte
FFh
SBV
Software Boot Vector
FOh
SSB
Software Security Byte
FFh
EB
Extra Byte
FFh
Manufacturer
58h
Id1: Family Code
D7h
Id2: Product Name
F7h
Id3: Product Revision
DFh
Table 2. Hardware Byte Information
Bit Position
Mnemonic
Default Value
Description
7
X2B
U
To start in x1 mode
6
BLJB
P
To map the boot area in code area between F000h-FFFFh
5
–
U
4
–
U
3
reserved
U
2
LB2
P
To lock the chip (see datasheet)
1
LB1
U
0
LB0
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com