Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89C5132-ROTIL Datasheet HTML 1Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 2Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
4256B–USB–03/06
AT89C5132
Security
The bootloader has Software Security Byte (SSB see Table 7) to protect itself from user access
or ISP access.
The Software Security Byte (SSB) protects from ISP accesses. The command ’Program Soft-
ware Security Bit’ can only write a higher priority level. There are three levels of security:
•
Level 0: NO_SECURITY (FFh)
This is the default level.
From level 0, one can write level 1 or level 2.
•
Level 1: WRITE_SECURITY (FEh)
In this level it is impossible to write in the Flash memory.
The Bootloader returns an err_WRITE status.
From level 1, one can write only level 2.
•
Level 2: RD_WR_SECURITY (FCh)
Level 2 forbids all read and write accesses to/from the Flash memory.
The Bootloader returns an err_WRITE or an err_VENDOR status.
Only a full chip erase command can reset the software security bits.
Table 3. Security Levels
Level 0
Level 1
Level 2
Flash
Any access allowed
Read only access allowed
All access not allowed
Fuse bit
Any access allowed
Read only access allowed
All access not allowed
BSB & SBV & EB
Any access allowed
Any access allowed
Any access allowed
SSB
Any access allowed
Write level2 allowed
Read only access allowed
Manufacturer info
Read only access allowed
Read only access allowed
Read only access allowed
Bootloader info
Read only access allowed
Read only access allowed
Read only access allowed
Erase block
Allowed
Not allowed
Not allowed
Full chip erase
Allowed
Allowed
Allowed
Blank Check
Allowed
Allowed
Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com