Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
4256B–USB–03/06
AT89C5132
restricted because it is anticipated that implementers will devise additional creative uses for
alternate settings.
DFU Functional
Descriptor
Command Description
This protocol allows to:
•
Initiate the communication
•
Program the Flash Data
•
Read the Flash Data
•
Program Configuration Information
•
Read Configuration and Manufacturer Information
•Erase the Flash
•
Start the application
Overview of the protocol is detailed in Appendix-A.
Table 12. DFU Functional Descriptor
Offset
Field
Size
Value
Description
0
bLength
1
07h
Size of this descriptor, in bytes
1
bDescriptorType
1
21h
DFU FUNCTIONAL descriptor type
2
bmAttributes
1
Bit mask
DFU Attributes:
bit 7:3: reserved
bit 2: device is able to communicate via USB after
Manifestation phase
1 = yes, 0 = no, must see bus reset
bit 1: bitCanUpload: upload capable 1 = yes, 0 = no
bit 0: bitCanDnload: download capable 1 = yes, 0 = no
3
wDetachTimeOut
2
Number
Time in milliseconds that the device will wait after receipt
of the DFU_DETACH request.
If this time elapses without a USB reset, the device will
terminate the Reconfiguration phase and revert back to
normal operation. This represents the maximum time that
the device can wait (depending on its timers, ...). The
Host may specify a shorter timeout in the DFU_DETACH
request.
5
wTransferSize
2
Number
Maximum number of bytes that the device can accept per
control-write transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com