Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 29Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 30Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 31Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
32
4256B–USB–03/06
AT89C5132
Appendix B
Flash API
Routines
Table 19. API Summary
Function Name
Bootloader
Execution
api_command
api_dph
api_dpl
api_value
__api_rd_code_byte
no
__api_wr_code_byte
yes
0Dh
–
–
–
__api_wr_code_page
yes
0Dh
–
–
–
__api_erase block0
yes
00h
00h
–
–
__api_erase block1
yes
00h
20h
–
–
__api_erase block2
yes
00h
40h
–
–
__api_erase block3
yes
00h
80h
–
–
__api_rd_HSB
yes
08h
–
00h
return value
__api_clr_BLJB
yes
07h
–
–
(HSB & BFh) | 40h
__api_set_BLJB
yes
07h
–
–
HSB & BFh
__api_clr_X2
yes
07h
–
–
(HSB & 7Fh) | 80h
__api_set_X2
yes
07h
–
–
HSB & 7Fh
__api_rd_BSB
yes
05h
–
00h
return value
__api_wr_BSB
yes
04h
–
00h
value
__api_rd_SBV
yes
05h
–
01h
return value
__api_wr_SBV
yes
04h
–
01h
value
__api_erase_SBV
yes
04h
–
01h
FFh
__api_rd_SSB
yes
05h
–
05h
return value
__api_wr_SSB
yes
04h
–
05h
value
__api_rd_EB
yes
05h
–
06h
return value
__api_wr_EB
yes
04h
–
06h
value
__api_rd_manufacturer
yes
05h
–
30h
return value
__api_rd_device_id1
yes
05h
–
31h
return value
__api_rd_device_id2
yes
05h
–
60h
return value
__api_rd_device_id3
yes
05h
–
61h
return value
__api_rd_bootloader_version
yes
0Eh
–
00h
return value
__api_start_bootloader
no
–
–
–
–
__api_start_isp
no
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com