Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
4256B–USB–03/06
AT89C5132
Figure 5. Example of Firmware Download Zero Length DFU_DNLOAD Request
The Host sends a DFU_DNLOAD request with the wLength field cleared to 0 to the device to
indicate that it has completed transferring the firmware image file. This is the final payload
packet of a download operation.
This operation should be preceded by a Long Jump address specification using the correspond-
ing Flash command.
Answers from
Bootloader
After each program request, the Host can request the device state and status by sending a
DFU_GETSTATUS message.
If the device status indicates an error, the host can send a DFU_CLRSTATUS request to the
device.
Reading the Flash
The flow described below allows the user to read data in the Flash memory. A blank check com-
mand on the Flash memory is possible with this flow.
This operation is performed in 2 steps:
1.
DFU_DNLOAD request with the read command (6 bytes)
2.
DFU_UPLOAD request which correspond to the immediate previous command.
First Request from Host
The Host sends a DFU Download request with a Display command in the data field.
OUT
Prog_Start + (EP0 FIFO length - 6) x 00h
SETUP
DFU_DNLOAD
OUT
X offset bytes + Firmware Packet 1
OUT
Firmware Packet 2
OUT
Firmware Packet n + DFU suffix
IN
ZLP
OUT
Display_Data (6 bytes)
SETUP
DFU_DNLOAD
IN
ZLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com