Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 9Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 10Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
4256B–USB–03/06
AT89C5132
Table 10. DFU Mode Device Descriptor
DFU Configuration
Descriptor
This descriptor is identical to the standard configuration descriptor described in the USB DFU
specification version 1.0, with the exception that the bNumInterfaces field must contain the value
01h.
DFU Interface
Descriptor
This is the descriptor for the only interface available when operating in DFU mode. Therefore,
the value of the bInterfaceNumber field is always zero.
Table 11. DFU mode Interface Descriptor
Note:
1. Alternate settings can be used by an application to access additional memory segments. In
this case, it is suggested that each alternate setting employs a string descriptor to indicate the
target memory segment; e.g., “EEPROM”. Details concerning other possible uses of alternate
settings are beyond the scope of this document. However, their use is intentionally not
Offset
Field
Size
Value
Description
0
bLength
1
12h
Size of this descriptor, in bytes
1
bDescriptorType
1
01h
DFU FUNCTIONAL descriptor type
2
bcdUSB
2
0100h
USB specification release number in binary coded decimal
4
bDeviceClass
1
FEh
Application Specific Class Code
5
bDeviceSubClass
1
01h
Device Firmware Upgrade Code
6
bDeviceProtocol
1
00h
The device does not use a class specific protocol on this
interface
7
bMaxPacketSize0
1
32
Maximum packet size for endpoint zero
8
idVendor
2
03EBh
Vendor ID
10
idProduct
2
2FFFh
Product ID
12
bcdDevice
2
0x0000
Device release number in binary coded decimal
14
iManufacturer
1
0
Index of string descriptor
15
iProduct
1
0
Index of string descriptor
16
iSerialNumber
1
0
Index of string descriptor
17
bNumConfigurations
1
01h
One configuration only for DFU
Offset
Field
Size
Value
Description
0
bLength
1
09h
Size of this descriptor, in bytes
1
bDescriptorType
1
04h
INTERFACE descriptor type
2
bInterfaceNumber
1
00h
Number of this interface
3
bAlternateSetting
1
00h
Alternate setting (1)
4
bNumEndpoints
1
00h
Only the control pipe is used
5
bInterfaceClass
1
FEh
Application Specific Class Code
6
bInterfaceSubClass
1
01h
Device Firmware Upgrade Code
7
bInterfaceProtocol
1
00h
The device doesn’t use a class specific protocol on
this interface
8
iInterface
1
00h
Index of the String descriptor for this interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com