Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 29Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 30Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 31Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 33Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
30
4256B–USB–03/06
AT89C5132
Appendix A
Table 17. Summary of Frames from Host
Command Identifier
data[0]
data[1]
data[2]
data[3]
data[4]
Description
Id_prog_start
01h
00h
start_address
end_address
Init Flash programming
Id_display_data
03h
00h
start_address
end_address
Display Flash Data
01h
Blank Check in Flash
Id_write_command
04h
00h
00h
Erase block0 (0K to 8K)
20h
Erase block1 (8K to 16K)
40h
Erase block2 (16K to 32K)
80h
Erase block3 (32K to 64K)
FFh
Full Chip Erase (bits at FFh)
01h
00h
Value
Write value in BSB
01h
Write value in SBV
05h
Write value in SSB
06h
Write value in EB
02h
00h
Value
Write value in Fuse (HSB)
03h
00h
Hardware reset
01h
address
LJMP address
Id_read_command
05h
00h
00h
Read Bootloader Version
01h
Read Device boot ID1
02h
Read Device boot ID2
01h
00h
Read BSB
01h
Read SBV
05h
Read SSB
06h
Read EB
30h
Read Manufacturer Code
31h
Read Family Code
60h
Read Product Name
61h
Read Product Revision
02h
00h
Read HWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com