Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
15
4256B–USB–03/06
AT89C5132
Device Status
Get Status
The Host employs the DFU_GETSTATUS request to facilitate synchronization with the device.
This status gives information on the execution of the previous request: in progress/OK/Fail/...
The device responds to the DFU_GETSTATUS request with a payload packet containing the fol-
lowing data:
bmRequestType
bRequest
wValue
wIndex
wLength
Data
1010 0001b
DFU_GETSTATUS (3)
Zero
Interface (4)
6
Status
0010 0001b
DFU_CLRSTATUS (4)
Zero
Interface (4)
Zero
none
Table 13. DFU_GETSTATUS Response
Offset
Field
Size
Value
Description
0
bStatus
1
Number
An indication of the status resulting from the execution of the most
recent request.
1
bwPollTime
Out
3
Number
Minimum time in milliseconds that the host should wait before sending
a subsequent DFU_GETSTATUS. The purpose of this field is to allow
the device to dynamically adjust the amount of time that the device
expects the host to wait between the status phase of the next
DFU_DNLOAD and the subsequent solicitation of the device’s status
via DFU_GETSTATUS.
4
bState
1
Number
An indication of the state that the device is going to enter immediately
following transmission of this response.
5
iString
1
Index
Index of status description in string table.
Table 14. bStatus Values
Status
Value
Description
OK
0x00
No error condition is present
errTARGET
0x01
File is not targeted for use by this device
errFILE
0x02
File is for this device but fails some vendor-specific verification test
errWRITE
0x03
Device id unable to write memory
errERASE
0x04
Memory erase function failed
errCHECK_ERASE
D
0x05
Memory erase check failed
errPROG
0x06
Program memory function failed
errVERIFY
0x07
Programmed memory failed verification
errADDRESS
0x08
Cannot program memory due to received address that is out of range
errNOTDONE
0x09
Received DFU_DNLOAD with wLength = 0, but device does not think it has all the
data yet
errFIRMWARE
0x0A
Device’s firmware is corrupted. It cannot return to run-time operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com