Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
INPUT VOLTAGE RANGE
The LMP7312 has an internal OpAmp with rail-to-rail input voltage range capability. The requirement to stay
within the V-and V+ rail at the OpAmp input translates in an Input Voltage Range specification as explained in this
application section.
Differential Output
Considering a single positive supply (V-= GND, V+ = VS) the Input Common mode voltage, VCM_ATT = (+VIN + (-
VIN))/2 for the Attenuation inputs and VCM_AMP = (+IIN + (-IIN))/2 for the Amplification inputs, has to stay between
the MIN and MAX values determined by these formulas:
CMMAX = VS + 1/KV*(VS - VOCM)
CMMIN = -1/KV*VOCM
KV is a function of the Gain according to the table below:
Gain
0.096 V/V
0.192 V/V
0.384 V/V
0.768 V/V
1 V/V
2 V/V
KV
0.12
0.218
0.414
0.806
1.065
2.096
Regardless to the values derived by the formula, the voltage on each input pin must never exceed the specified
Absolute Maximum Ratings.
Below are some typical values:
Table 1. Differential Input, Differential Output, VS= 5V, VOCM = 2.5V
VCM_ATT
VCM_AMP
Gain
Min
Max
Min
Max
0.096 V/V
-15 V(1)
+15 V(1)
0.192 V/V
-11.5 V
+15 V
0.384 V/V
-6 V
+11 V
0.768 V/V
-3.1 V
+8.1 V
1 V/V
-2.3 V
+7.3 V
2 V/V
-1.2 V
+6.2 V
(1)
Limited by the operating ratings on input pins
In the case of a single ended input referred to ground (-VIN = GND, -IN = GND) the table below summarizes the
voltage range allowed on the +VIN and +IIN inputs.
Table 2. Single Ended Input, Differential Output, VS= 5V, VOCM = 2.5V, -VIN = GND, -IIN = GND
+VIN
+IN
Gain
Min
Max
Min
Max
0.096 V/V
-15 V(1)
+15 V(1)
0.192 V/V
-15 V(1)
+15 V(1)
0.384 V/V
-12 V(2)
+12 V(2)
0.768 V/V
-6 V(2)
+6 V(2)
1 V/V
-4.6 V(2)
+4.6 V(2)
2 V/V
-2.3 V(2)
+2.3 V(2)
(1)
Limited by the operating ratings on input pins.
(2)
Limited by the output voltage swing (0.2V to VS-0.2V on both + VOUT and -VOUT)
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com