Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
-
+
ÂV2
+
-
ÂV1
ÂVCM
+
-
A
B
C
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
APPENDIX
Offset Voltage and Offset Voltage Drift calculation
Listed in the table below are the calculated values for Offset Voltage and Offset Voltage Drift based on the max
specifications of these parameters for the core op-amp (for all gain configurations).
Parameter
Unit
Value
Gain
V/V
0.096
0.192
0.384
0.768
1
2
Total Offset Input Referred (MAX)
µV
±1141
±620
±360
±230
±200
±150
Total Offset Output Referred (MAX)
µV
±109
±119
±138
±176
±200
±300
TCVOS Input Referred @ 25°C (MAX)
µV/°C
±32.3
±18.6
±10.8
±6.9
±6
±4.5
TCVOS Output Referred @ 25°C (MAX)
µV/°C
±3.3
±3.6
±4.1
±5.3
±6
±9
Noise calculation
Listed in the table below are the calculated values for Voltage Noise based on the spectral density of the core
op-amp at 10kHz (for all gain configurations).
Parameter
Unit
Value
Gain
V/V
0.096
0.192
0.384
0.768
1
2
Total Noise Referred to Input
nV/
√Hz
211
150
112
89
53
46
Total Noise Referred to Output
nV/
√Hz
20
29
43
68
53
92
Input resistance calculation
The common mode input resistance is the resistance seen from node “A” when
ΔV1 = ΔV2 = 0 and a common
mode voltage
ΔVCM is applied to both inputs of the LMP7312. The differential input resistance is the resistance
seen from the nodes “B” and “C” when
ΔVCM=0 and a differential voltage ΔV1 = ΔV2 = V/2 is applied to the
inputs of the LMP7312.
Figure 42. Circuit for Input Resistance calculation
Mode of Operation
Unit
Gains
Attenuation Mode
0.096
0.192
0.384
0.768
Common Mode Resistance
k
Ω
57.08
62.08
72.08
92.08
Differential Resistance
k
Ω
228.30
248.30
288.30
368.30
Amplification Mode
1
2
Common Mode Resistance
k
Ω
40.0
60.0
Differential Resistance
k
Ω
160.0
240.0
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com