Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VSDO (V)
20.0
16.0
12.0
8.0
4.0
0
1.0
2.0
3.0
4.0
5.0
6.0
VIO = 2.7V
VIO = 5.5V
20.0
16.0
12.0
8.0
4.0
0
VSDO (V)
20.0
16.0
12.0
8.0
4.0
0
0
0.3
0.6
0.9
1.2
1.5
VIO = 2.7V
VIO = 5.5V
20.0
16.0
12.0
8.0
4.0
0
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL =
10k
Ω, CL =50pF, Differential output configuration.
SDO sink current
SDO source current
vs.
vs.
SDO Voltage
SDO Voltage
Figure 32.
Figure 33.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com