Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
OUTPUT CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
0
-30
-20
-10
0
10
20
30
-40°C
-40°C
25°C
25°C
125°C
125°C
SOURCE
VIN
+ = +15V
VIN
- = -15V
SINK
VIN
+ = -15V
VIN
- = +15V
OUTPUT CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
0
-30
-20
-10
0
10
20
30
-40°C
-40°C
25°C
25°C
125°C
125°C
SOURCE
VIN
+ = -15V
VIN
- = +15V
SINK
VIN
+ = +15V
VIN
- = -15V
TEMPERATURE (°C)
50.0
30.0
10.0
-10.0
-30.0
-50.0
-40
-7
26
59
92
125
Source
Sink
TEMPERATURE (°C)
50.0
30.0
10.0
-10.0
-30.0
-50.0
-40
-7
26
59
92
125
Source
Sink
VA (V)
1.35
1.31
1.27
1.23
1.19
1.15
4.5
4.7
4.9
5.1
5.3
5.5
125°C
25°C
-40°C
VIO (V)
75
67
59
51
43
35
2.7
3.3
3.8
4.4
4.9
5.5
-40°C
125°C
25°C
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL =
10k
Ω, CL =50pF, Differential output configuration.
IVA
IVIO
vs.
vs.
VA
VIO Voltage
Figure 26.
Figure 27.
Short Circuit Current +VOUT
Short Circuit Current -VOUT
vs.
vs.
Temperature
Temperature
Figure 28.
Figure 29.
Output voltage swing +VOUT
Output voltage swing -VOUT
vs.
vs.
Output current
Output current
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com