Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ADC141S626
REF
AMPLIFICATION MODE
G = 2 V/V
1.1k:
1.1k:
VA
VIO
680 pF
+5V
LM4132-4.1
+
4.7 PF
0.1 PF
-
+
VIO
-VIN
+VIN
VOCM
+VOUT
-VOUT/VR
100 k:
100 k:
V
+
V
-
V
-
V
+
-IN
+IN
+5V
100:
T
R
A
N
S
M
I
T
T
E
R
SENSOR
I_LOOP
Fs = 70 kS/s
0.1 PF
10 PF
0.1 PF
+
4.7 PF
+
10 PF
+
+5V
0.1 PF
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
are connected in a closed, series circuit, loop configuration (Figure 41). Sensors provide an output voltage whose
value represents the physical parameter being measured. The transmitter amplifies and conditions the sensor’s
output, and then converts this voltage to a proportional 4-20mA dc-current that circulates within the closed
series-loop. The loop power-supply generally provides all operating power to the transmitter and receiver, and
any other loop components that require a well-regulated dc voltage. In loop-powered applications, the power
supply’s internal elements also furnish a path for closing the series loop. The receiver/monitor, normally a
subsection of a panel meter or data acquisition system, converts the 4-20mA current back into a voltage which
can be further processed and/or displayed. The high DC performance of the LMP7312 makes this difference
amplifier an ideal choice for use in current loop AFE receiver. The LMP7312 has a low input offset voltage and
low input offset voltage drift when configured in amplification mode. In the circuit shown in Figure 41 the
LMP7312 is in amplification mode with a gain of 2V/V and differential output in order to well match the input
stage of the ADC141S626 (SAR ADC with differential input). The shunt resistor is 100ohm in order to have a
max voltage drop of 2V when 20mA flows in the loop. The first order filter between the LMP7312 and the
ADC141S626 reduces the noise bandwidth and allows handling input signal up to 2kHz. That frequency has
been calculated taking in account the roll off of the filter and ensuring a gain error less than 1LSB of the
ADC141S626. In order to utilize the maximum number of bits of the ADC141S626 in this configuration, a 4.1V
reference voltage is used. With this system, the current of the 4-20mA loop is accurately gained to the full scale
of the ADC and then digitized for further processing.
Figure 41. LMP7312 in 4-20mA Current Loop application
LAYOUT CONSIDERATIONS
Power supply bypassing
In order to preserve the gain accuracy of the LMP7312, power supply stability requires particular attention. The
LMP7312 ensures minimum PSRR of 90dB (or 31.62 µV/V). However, the dynamic range, the gain accuracy and
the inherent low-noise of the amplifier can be compromised by introducing and amplifying power supply noise. To
decouple the LMP7312 from supply line AC noise, a 0.1 µF ceramic capacitor should be located on the supply
line, close to the LMP7312. Adding a 10 µF tantalum capacitor in parallel with the 0.1 µF ceramic capacitor will
reduce the noise introduced to the LMP7312 even further by providing an AC path to ground for most frequency
ranges.
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com