Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Single Ended Output
In this mode the LMP7312 behaves as a Difference Amplifier, with -VOUT/VR being the reference output voltage
when a zero volt differential input signal is applied. The voltages at the OpAmp inputs are determined by +VIN
and -VOUT/VR voltages. The voltage range of +VIN and +IIN inputs is as follows:
VMAX = VS + 1/ KV * (VS – (-VOUT/VR))
VMIN = -1/KV * (-VOUT/VR)
Regardless of the values derived by the formula, the voltage on each input pin must never exceed the specified
Absolute Maximum Ratings.
Below are some typical values:
Table 3. Differential Input, Single Ended Output, VS = 5V, VOCM = GND, and -VOUT/VR = 2.5V
+VIN
+IIN
Gain
Min
Max
Min
Max
0.096 V/V
-15 V(1)
+15 V(1)
0.192 V/V
-11.5 V(1)
+15 V
0.384 V/V
-6 V
+11 V
0.768 V/V
-3.1 V
+8.1 V
1 V/V
-2.3 V
+7.3 V
2 V/V
-1.2 V
+6.2 V
(1)
Limited by the operating ratings on input pins
In the case of a single ended input referred to ground (-VIN = GND, -IN = GND) this table summarize the voltage
ranges allowed on the +VIN and +IIN inputs.
Table 4. Single Ended Input, Single Ended Output, VS = 5V, VOCM = GND, -VOUT/VR = 2.5V, -VIN = GND, -IIN =
GND
+VIN
+IIN
Gain
Min
Max
Min
Max
0.096 V/V
-15 V(1)
+15 V(1)
0.192 V/V
-11.5 V
+12 V(2)
0.384 V/V
-6 V(2)
+6 V(2)
0.768 V/V
-3 V**
+3 V(2)
1 V/V
-2.3 V(2)
+2.3 V(2)
2 V/V
-1.1 V(2)
+1.1 V(2)
(1)
Limited by the operating ratings on input pins.
(2)
Limited by the output voltage swing (0.2V to VS-0.2V on +VOUT )
SERIAL INTERFACE CONTROL OPERATION
The serial interface control of the LMP7312 can be supplied with a voltage between 2.7V and 5.5V through the
VIO pin for compatibility with different logic families present in the market.
The LMP7312 Attenuation, Amplification, Null switch and HiZ modes are controlled by a register. Data to be
written into the control register is first loaded into the LMP7312 via the serial interface. The serial interface
employs a 5-bit shift register. Data is loaded through the serial data input, SDI. Data passing through the shift
register is obtained through the serial data output, SDO. The serial clock, SCK controls the serial loading
process. All five data bits are required to correctly program the device. The falling edge of CS enables the shift
register to receive data. The SCK signal must be high during the falling edge of CS. Each data bit is clocked into
the shift register on the rising edge of SCK. Data is transferred from the shift register to the holding register on
the rising edge of CS. Operation is shown in the Timing Diagram.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com