Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FREQUENCY (Hz)
110
100
90
80
70
60
50
10
100
1k
10k
100k
1M
VOCM (V)
15
10
5
0
-5
-10
-15
-20
-25
1.0
1.0
2.0
2.5
3.0
3.5
4.0
NULLING SWITCH MODE
FREQUENCY (Hz)
100
90
80
70
60
50
10
100
1k
10k
100k
1M
Gain 0.096V/V
Gain 0.384V/V
Gain 0.192V/V
Gain 0.768V/V
VOCM = 4V
FREQUENCY (Hz)
100
90
80
70
60
50
10
100
1k
10k
100k
1M
Gain 2V/V
Gain 1V/V
VOCM = 4V
100
90
80
70
60
50
FREQUENCY (Hz)
0
-5
-10
-15
-20
-25
100
1k
10k
100k
1M
10M
Gain 0.096V/V
Gain 0.192V/V
Gain 0.384V/V
Gain 0.768V/V
FREQUENCY (Hz)
9
6
3
0
-3
-6
100
1k
10k
100k
1M
Gain 2V/V
Gain 1V/V
9
6
3
0
-3
-6
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL =
10k
Ω, CL =50pF, Differential output configuration.
Gain
Gain
vs.
vs.
Frequency (Attenuation Mode)
Frequency (Amplification Mode)
Figure 8.
Figure 9.
CMRR
CMRR
vs.
vs.
Frequency (Attenuation Mode)
Frequency (Amplification Mode)
Figure 10.
Figure 11.
Vos
vs.
PSRR (Core op-amp)
Input Common Mode Voltage
Figure 12.
Figure 13.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com