Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SCK
CS
SDI
SDO
-
+
VIO
-VIN
+IN
+VIN
VOCM
SPI
Controller
RF
P
+VOUT
-VOUT/VR
100 k:
100 k:
V
+
V
-
V
-
V
+
ADC
VREF
V
+
ADC
R2
P
R2
N
-IN
R1
N
R1
P
VCM
RF
N
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
APPLICATION SECTION
GENERAL DESCRIPTION
The LMP7312 is a single supply programmable gain difference amplifier with two input pairs: Attenuation pair (-
VIN, +VIN) and Amplification pair (-IN, +IN). The output can be configured in both single-ended and differential
modes with the output common mode voltage set by the user. The input selection, the gains and the mode of
operation of the LMP7312 are controlled through a 4- wire SPI interface (SCK, CS, SDI, SDO). These features
combined make the LMP7312 a very easy interface between the analog high voltage industrial buses and the
low voltage digital converters.
OUTPUT MODE CONFIGURATION
The LMP7312 is able to work in both single ended and differential output mode. The selection of the mode is
made through the VOCM (output common mode voltage) pin.
Differential Output
This mode of operation is enabled when the output common mode voltage pin (VOCM) is connected to a voltage
higher than 1V, for instance the common mode voltage supplied by an ADC, (Figure 34) or a voltage reference. If
the VOCM pin is floating an internal voltage divider biases it at the half supply voltage. In this configuration the
output signals are set on the VOCM voltage level.
Single-Ended Output
This mode of operation is enabled when the VOCM pin is tied to a voltage less than 0.5 V, for example to ground.
In this mode of operation the LMP7312 behaves as a difference amplifier, where the +VOUT pin is the single-
ended output while the –VOUT /VR is the reference voltage.
1. In the case of bipolar input signal the non inverting output will be connected to an external reference through
a buffer (Figure 35).
2. In the case of unipolar input signal the non inverting output will be connected to ground (Figure 36).
In both cases the inverting output pin is configured as an input pin.
Figure 34. Differential ADC Interfacing with VCM provided by the ADC
14
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com