Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
-
+
-VIN
+VIN
VOCM
RF
P
+VOUT
-VOUT/VR
100 k:
100 k:
V
+
V
-
V
-
R1
P
R2
P
R2
N
R1
N
-IN
+IN
VIO
V
+
RF
N
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Figure 37. LMP7312 in Nulling Switch Mode
In this condition at the Output pins is possible to measure the input voltage offset of the op-amp:
Output Mode
+VOUT
−VOUT/VR
Differential
VCM_out+VOS/2
VCM_out -VOS/2
Single-Ended
VR+VOS
VR
Hi_Z bit:High Impedance
In this mode both outputs +VOUT and -VOUT/VR of the LMP7312 are in tri-state Figure 38.
HI_Z
Mode
Description
0
Normal Operation Mode
The LMP7312 is configured according to value of the other 4 bits of the
register.
1
High Impedance Mode
The LMP7312 output is in high impedance
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com