Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP7312MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, G = 0.192 V/V, V
CM_ATT=(+VIN+(-
VIN))/2, VCM_AMP=(+IN+(-IN))/2. Differential output configuration. SE = Single Ended Output, DE = Differential Output.Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
TCVOS
Core op-amp Input
Nulling Switch Mode, DE, VOCM = 1V;
-3
±1.5
3
Offset Voltage (4)
Nulling Switch Mode, SE, -VOUT/VR = 1V
µV/°C
Nulling Switch Mode, DE, VOCM = 4V;
-3
±1.5
3
Nulling Switch Mode, SE, -VOUT/VR = 4V
All gains, RL = 10 kΩ, CL = 50pF, SE / DE
–0.035
0.035
Gain Error
%
–0.045
0.045
Av
Gain Drift
SE / DE
-5
±1
5
ppm/°C
en
Core op-amp Voltage
RTI, Nulling Switch Mode, f = 10 kHz
7.25
nV/
√Hz
Noise Density
Core op-amp Peak to
RTI, Nulling Switch Mode, f= 0.1Hz to 10Hz
3
µVPP
Peak Voltage Noise
IVA
Analog Supply Current
+VIN = −VIN = VOCM
2
mA
IVIO
Digital Supply Current
Without any load connected to SDO pin
120
μA
RIN_CM
CM Input Resistance
G= 0.192 V/V
62.08
k
Ω
G= 1 V/V
40
RIN_DIFF
Differential Input
G= 0.192 V/V
248.3
k
Ω
Resistance
G= 1 V/V
160
G= 0.096V/V, -15V < VCM_ATT < 15V, SE / DE
G= 0.192V/V, -11.4V < VCM_ATT < 15V, SE / DE
G= 0.384V/V, -6V < VCM_ATT < 11V, SE / DE
DC Common Mode
80
CMRR
dB
Rejection Ratio
77
G= 0.768V/V, -3V < VCM_ATT < 8V, SE / DE
G= 1V/V, -2.3V < VCM_AMP < 7.3V, SE / DE
G= 2V/V, -1.15V < VCM_AMP < 6.15V, SE / DE.
PSRR
Core op-amp DC
Nulling Switch Mode, 4.5V <V+ <5.5V
90
dB
Power Supply Rejection
Ratio
VOCM_OS
VOCM Output Offset
(5)
VOCM = 2.5 V
-20
20
mV
VOUT
Positive Output Voltage
RL = 10 kΩ, CL = 50 pF,
V+
−0.2
Swing
+VIN= 15V, -VIN= -15V
V
Negative Output
RL = 10 kΩ, CL = 50 pF,
V−+0.2
Voltage Swing
+VIN= -15V, -VIN= 15V
+VIN= -VIN = 2.5V, +VOUT, -VOUT/VR connected
10
Short circuit current
individually to either V+ or V-
IOUT
mA
Current limitation
Internal current limiter
55
Attenuation Mode, G = 0.096 V/V, RL =10 kΩ,
1.2
CL = 50 pF
MHz
Attenuation Mode, G = 0.192 V/V, RL = 10 kΩ,
1.0
CL = 50 pF
Attenuation Mode, G = 0.384 V/V, RL = 10 kΩ,
560
CL = 50 pF
GBW
Bandwidth
kHz
Attenuation Mode, G = 0.768 V/V, RL = 10 kΩ,
310
CL = 50 pF
Amplification Mode, G = 1 V/V, RL = 10 kΩ,
530
CL = 50 pF
kHz
Amplification Mode, G = 2 V/V, RL = 10 kΩ,
280
CL = 50 pF
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
VOCM_OS is the difference between the Output Common mode voltage (+VOUT+(-VOUT/VR))/2 and the Voltage on the VOCM pin.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com