Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
-
+
-VIN
+VIN
VOCM
RF
P
+VOUT
-VOUT/VR
100 k:
100 k:
V
+
V
-
V
-
R1
P
R2
P
R2
N
R1
N
-IN
+IN
VIO
V
+
RF
N
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
Figure 38. LMP7312 in High Impedance Mode
In each case the SPI registers require 5 bits. The table below is a summary of all allowed configurations.
MSB
LSB
Gain_1
Gain_0
EN_CL
Null_SW
Hi_Z
Gain Value (V/V)
Mode of Operation
0
0
0
0
0
0.096
Attenuation Mode
0
1
0
0
0
0.192
Attenuation Mode
1
0
0
0
0
0.384
Attenuation Mode
1
1
0
0
0
0.768
Attenuation Mode
1
0
1
0
0
1
Amplification Mode
1
1
1
0
0
2
Amplification Mode
x
x
x
x
1
–
High Impedance Output
x
x
x
1
0
1
Null Switch Mode
Daisy Chain
The LMP7312 supports daisy chaining of the serial data stream between multiple chips. To use this feature serial
data is clocked into the first chip SDI pin, and the next chip SDI pin is connected to the SDO pin of the first chip.
Both chips may share a chip select signal, or the second chip can be enabled separately. When the chip select
pin goes low on both chips and 5 bits have been clocked into the first chip the next 5 clock cycle begins moving
new configuration data into the second chip. With a full 10 clock cycles both chips have valid data and the chip
select pin of both chips should be brought high to prevent the data from overshooting.
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com