Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
14
13
12
1
2
3
4
5
6
7
11
10
9
8
LMP7312
SDI
+IN
-IN
+VIN
-VIN
CS
SDO
VIO
V
+
+VOUT
-VOUT/VR
VOCM
V
-
SCK
t7
t8
t3
t2
t1
t4
t5
t6
DN
DN±4
DN±1
SCK
SDO
SDI
CS
OLD DN
t9
OLD DN±3
OLD DN±4
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Timing Diagram
Connection Diagram
Figure 1. 14-Pin SOIC-Top View
PIN DESCRIPTIONS
Pin
Name
Description
1
SDI
SPI data IN
2
+IN
Non-inverting input of Amplification pair
3
-IN
Inverting input of Amplification pair
4
+VIN
Non-inverting input of Attenuation pair
5
-VIN
Inverting input of Attenuation pair
6
CS
SPI chip select
7
SDO
SPI data OUT
8
VIO
SPI supply voltage
9
V+
Positive supply voltage
10
+VOUT
Non-inverting output
11
-VOUT/VR
Inverting output in differential output mode, reference input in single-ended operation mode
12
VOCM
Output common mode voltage in DE
13
V−
Negative supply voltage, reference for both Analog and Digital supplies
14
SCK
SPI Clock
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com