Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FREQUENCY (Hz)
1
0.1
0.01
0.001
10
100
1k
10k
100k
Gain 0.768V/V
Gain 0.384V/V
Gain 0.096V/V
Differential Input
VCM_ATT = 2.5V
+VOUT -(-VOUT) = 4.096 Vpp
Gain 0.192V/V
FREQUENCY (Hz)
1
0.1
0.01
0.001
10
100
1k
10k
100k
Gain 2V/V
Gain 1V/V
Differential Input
VCM_AMP = 2.5V
+VOUT -(-VOUT) = 4.096 Vpp
CS
Gain 0.096V/V
Gain 0.768V/V
10 Ps/DIV
CS
Gain 1V/V
Gain 2V/V
10 Ps/DIV
Input
Gain 0.096V/V
Gain 0.192V/V
Gain 0.768V/V
500 ns/DIV
VCM_ATT = 2.5V
Gain 0.384V/V
Gain 2V/V
Input
500 ns/DIV
Gain 1V/V
VCM_AMP = 2.5V
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL =
10k
Ω, CL =50pF, Differential output configuration.
Settling time – Fall (Attenuation Mode)
Settling time – Fall (Amplification Mode)
Figure 20.
Figure 21.
Gain change (Attenuation Mode)
Gain change (Amplification Mode)
Figure 22.
Figure 23.
THD + N (Attenuation Mode)
THD + N (Amplification Mode)
Figure 24.
Figure 25.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com