Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Gain 2V/V
Input
500 ns/DIV
Gain 1V/V
VCM_AMP = 2.5V
Input
Gain 0.096V/V
Gain 0.192V/V
Gain 0.384V/V
Gain 0.768V/V
500 ns/DIV
VCM_ATT = 2.5V
5 Ps/DIV
Input
Gain 0.096V/V
Gain 0.384V/V
Gain 0.768V/V
VCM_ATT = 2.5V
Gain 0.192V/V
5 Ps/DIV
Input
Gain 1V/V
Gain 2V/V
VCM_AMP = 2.5V
Input
Gain 0.096V/V
Gain 0.768V/V
5 Ps/DIV
VCM_ATT = 2.5V
Gain 0.192V/V
Gain 0.384V/V
Gain 1V/V
Input
Gain 2V/V
5 Ps/DIV
VCM_AMP = 2.5V
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. RL =
10k
Ω, CL =50pF, Differential output configuration.
Small signal step (Attenuation Mode)
Small signal step (Amplification Mode)
Figure 14.
Figure 15.
Large signal step (Attenuation Mode)
Large signal step (Amplification Mode)
Figure 16.
Figure 17.
Settling time – Rise (Attenuation Mode)
Settling time – Rise (Amplification Mode)
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com