Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LMP7312
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
www.ti.com
SPI Registers
MSB
LSB
Gain_1
Gain_0
EN_CL
Null_SW
Hi_Z
Gain_0, Gain_1 bit:Gain Values
Different gains are available in Attenuation Mode or Amplification Mode according to the following Gain Table.
Gain_1
Gain_0
EN_CL
Gain Value (V/V)
0
0
0
0.096
0
1
0
0.192
1
0
0
0.384
1
1
0
0.768
1
0
1
1
1
1
1
2
EN_CL bit:Enable Amplification Mode
This register selects which input pair is processed.
EN_CL
Mode
Description
0
Attenuation Mode
±VIN inputs are processed through the 104.16k input resistors
1
Amplification Mode
±IN inputs are processed through the 40k input resistors
NULL_SW bit: Input Offset Nulling Switch Mode
This register selects a mode in which the amplifier is not processing any input but it is configured in unity gain to
allow system level amplifier offset calibration. The Nulling Switch mode is available in both single ended and fully
differential output mode. The LMP7312 in Nulling Switch and fully differential mode has he following
configuration.
NULL_SW
Mode
Description
0
Normal Operation Mode
±VIN and ±IN inputs are processed depending on EN_CL register
setting.
1
Nulling Switch Mode
Enables to evaluate the offset of the internal amplifier for system
level calibration
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com