Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP7312MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
LMP7312 Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
Check for Samples: LMP7312
1
FEATURES
DESCRIPTION
The LMP7312 is a digitally programmable variable
2
•
Typical Values, TA = 25°C, V
+=5V, V-=0V.
gain amplifier/attenuator. Its wide input voltage range
•
Gain Bandwidth 1 MHz
and superior precision make it a prime choice for
•
Input Voltage Range (G= 0.096 V/V) -15V to
applications requiring high accuracy such as data
+15V
acquisition systems for IO modules in programmable
logic
control
(PLC).
The
LMP7312
provides
a
•
Core Op-Amp Input Offset Voltage 100 µV
differential output to maximize dynamic range and
(Max)
signal to noise ratio, thereby reducing the overall
•
Supply Current 2 mA (Max)
system error. It can also be configured to handle
•
Gain (Attenuation Mode) 0.096 V/V, 0.192
single ended input data converters by means of the
VOCM pin (see Application Section for details). The
V/V0.384 V/V, 0.768 V/V
inputs of LMP7312 can be configured in attenuation
•
Gain (Amplification Mode) 1 V/V, 2 V/V
mode to handle large input signals of up to +/- 15V,
•
Gain Error 0.035% (Max)
as well as in amplification mode to handle current
•
Core Op-Amp PSRR 90 dB (Min)
loops of 0-20mA and 4-20mA.The LMP7312 is
equipped with a null switch to evaluate the offset of
•
CMRR 80 dB (min)
the internal amplifier. A ensured 0.035% maximum
•
Adjustable Output Common Mode 1V to 4V
gain error (for all gains) and a maximum gain drift of
•
Temperature Range
−40 to 125°C
5ppm over the extended industrial temperature range
(-40° to 125°C) make the LMP7312 very attractive for
•
Package 14-Pin SOIC
high precision systems even under harsh conditions.
A low input offset voltage of 100µV and low voltage
APPLICATIONS
noise of 3µVpp give the LMP7312 a superior
•
Signal Conditioning AFE
performance. The LMP7312 is fully specified from -
40° to 125°C and is available in SOIC-14 package.
–
±10V; ±5V; 0-5V; 0-10V; 0-20mA; 4-20mA
•
Data Acquisition Systems
•
Motor Control
•
Instrument and Process Control
•
Remote Sensing
•
Programmable Automation Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP7312MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7312MA NSC-LMP7312MA Datasheet
1Mb / 22P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
LMP7312MANOPB NSC-LMP7312MANOPB Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
LMP7312MAX NSC-LMP7312MAX Datasheet
1Mb / 22P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
LMP7312MAXNOPB NSC-LMP7312MAXNOPB Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
More results

Similar Description - LMP7312MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
logo
National Semiconductor ...
LMP7312 NSC-LMP7312 Datasheet
1Mb / 22P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
National Semiconductor ...
LMP7312 NSC-LMP7312_14 Datasheet
1Mb / 29P
Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
Single-Ended Analog Input/Output
PCM3000 TI1-PCM3000_08 Datasheet
626Kb / 40P
SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com