Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP7312MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
éController
SCK
MOSI
MISO
ADC1x1S626
SCK
SDO
CS
LMP7312
SCK
SDI
CS
CS
éController
SCK
MOSI
MISO
CS
LMP7312
SCK
SDI
CS
SDO
LMP7312
SCK
SDI
CS
SDO
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
Figure 39. Daisy Chain
Shared 4-wire SPI with ADC
The LMP7312 is a good choice when interfacing to differential analog to digital converters ADC141S626 and
ADC161S626 of PowerWise® Family. Its SPI interface has been designed to enable sharing CSB with the ADC.
LMP7312 register access happens only when CSB is asserted low while SCK is high. However, the ADC starts
conversion under any of the following conditions:
1. CSB goes low while SCK is high
2. CSB goes low while SCK is low
3. CSB and SCK both going low
Therefore, if a system uses timing condition #2 above, LMP7312 and ADC1x1S626 can share CSB and SCK as
shown in Figure 40. The only side-effect would be that writing to LMP7312 triggers an ADC conversion, but then
the result can be ignored. At other times, the LMP7312 is not affected by the CSB assertions used to initiate
normal ADC conversions.
Figure 40. 4-wire SPI with ADC interface
LMP7312 IN 4-20mA CURRENT LOOP APPLICATION
The 4-20mA current loop shown in Figure 41 is a common method of transmitting sensor information in many
industrial process-monitoring applications. Transmitting sensor information via a current loop is particularly useful
when the information has to be sent to a remote location over long distances (1000 feet, or more). The loop’s
operation is straightforward: a sensor’s output voltage is first converted to a proportional current, with 4mA
normally representing the sensor’s zero-level output, and 20mA representing the sensor’s full-scale output. Then,
a receiver at the remote end converts the 4-20mA current back into a voltage which in turn can be further
processed by a computer or display module. A typical 4-20mA current-loop circuit is made up of four individual
elements: a sensor/transducer; a voltage-to-current converter (commonly referred to as a transmitter and/or
signal conditioner); a loop power supply; and a receiver/monitor. In loop powered applications, all four elements
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com