Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312MA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7312MA/NOPB
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7312MA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMP7312MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP7312MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMP7312
www.ti.com
SNOSB32B – MARCH 2010 – REVISED MARCH 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, G = 0.192 V/V, V
CM_ATT=(+VIN+(-
VIN))/2, VCM_AMP=(+IN+(-IN))/2. Differential output configuration. SE = Single Ended Output, DE = Differential Output.Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
SR
Slew Rate
RL = 10 kΩ, CL = 50 pF
1.4
V/
μsec
(6)
THD+N
Total Harmonic
Vout = 4.096 Vpp, f = 1KHz,
0.0026
%
Distorsion + Noise
RL = 10 kΩ
(6)
The number specified is the average of rising and falling slew rates and is measured at 90% to 10%.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMP7312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com