Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 2 Page - Texas Instruments

  LP8501 Datasheet HTML 1Page - Texas Instruments LP8501 Datasheet HTML 2Page - Texas Instruments LP8501 Datasheet HTML 3Page - Texas Instruments LP8501 Datasheet HTML 4Page - Texas Instruments LP8501 Datasheet HTML 5Page - Texas Instruments LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments LP8501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
RGB or KeyLEDs
Sub Display
Main Display
LP8501
D1
D2
D4
D7
VOUT
COUT
1 2F
C2
0.47 2F
VDD1_6
VDD7_9
GND
TRIG
INT
CIN
1 2F
VIN = 2.7V TO 5.5V
VDD
C1
0.47 2F
C1+
C1-
C2+
C2-
GPO
D3
D8
D6
D5
D9
MCU
SCL
SDA
EN
CLK
VOUT
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
DESCRIPTION (CONTINUED)
The device has a flexible General Purpose Output (GPO) (which can be used, for example, as a digital control
pin for other devices), an INT pin (interrupt function), which can be used to notify the processor, and a Trigger
input interface, which allows program execution start without I2C write.
The device requires only four small and low-cost ceramic capacitors. The LP8501 is available in a tiny 25-bump
2.26 mm x 2.26 mm x 0.60 mm DSBGA package (0.4 mm pitch).
Typical Application Circuits
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com