Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 27Page - Texas Instruments LP8501 Datasheet HTML 28Page - Texas Instruments LP8501 Datasheet HTML 29Page - Texas Instruments LP8501 Datasheet HTML 30Page - Texas Instruments LP8501 Datasheet HTML 31Page - Texas Instruments LP8501 Datasheet HTML 32Page - Texas Instruments LP8501 Datasheet HTML 33Page - Texas Instruments LP8501 Datasheet HTML 34Page - Texas Instruments LP8501 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
LP8501 Registers
The LP8501 is controlled by a set of registers through the two-wire serial interface port. Some register bits are
reserved for future use. The table below lists device registers, their addresses, and their abbreviations. A more
detailed description is given in section.
Table 5. Control Register Map
Hex
Register Name
Bit(s)
Read/Wr
Default Value
Bit Mnemonic and Description
Address
ite
After Reset
00
ENABLE / ENGINE
[6]
R/W
x0xxxxxx
CHIP_EN
CNTRL1
0 = LP8501 not enabled
1 = LP8501 enabled
[5:4]
R/W
xx00xxxx
ENGINE1_EXEC
Engine 1 program execution control
[3:2]
R/W
xxxx00xx
ENGINE2_EXEC
Engine 2 program execution control
[1:0]
R/W
xxxxxx00
ENGINE3_EXEC
Engine 3 program execution control
01
ENGINE CNTRL2
[5:4]
R/W
xx00xxxx
ENGINE1_MODE
ENGINE 1 mode control
[3:2]
R/W
xxxx00xx
ENGINE2_MODE
ENGINE 2 mode control
[1:0]
R/W
xxxxxx00
ENGINE3_MODE
ENGINE 3 mode control
02
GROUP 1 FADING
[7:4]
R/W
0000xxxx
FADE_IN
Fade-in time for group 1 fader
[3:0]
R/W
xxxx0000
FADE_OUT
Fade-in time for group 1 fader
03
GROUP 2 FADING
[7:4
R/W
0000xxxx
FADE_IN
Fade-in time for group 2 fader
[3:0]
R/W
xxxx0000
FADE_OUT
Fade-in time for group 2 fader
04
GROUP 3 FADING
[7:4
R/W
0000xxxx
FADE_IN
Fade-in time for group 3 fader
[3:0]
R/W
xxxx0000
FADE_OUT
Fade-in time for group 3 fader
05
POWER CONFIG
[1]
R/W
xxxxxx0x
CHP_CON_1_6
D1 to D6 power selection
[0]
R/W
xxxxxxx0
CHP_CON_7_9
D7 to D9 power selection
06
D1 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D1 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D1
07
D2 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D2 output
[5]
R/W
xx0xxxxx
Logarithmic dimming control for D2 output
08
D3 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D3 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D3 output
09
D4 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D4 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D4 output
0A
D5 CONTROL
[7:6]
R/W
00xxxxxx
GROUP_SELECT
Fader group selection for D5 output
[5]
R/W
xx0xxxxx
LOG_EN
Logarithmic dimming control for D5 output
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com