Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 35Page - Texas Instruments LP8501 Datasheet HTML 36Page - Texas Instruments LP8501 Datasheet HTML 37Page - Texas Instruments LP8501 Datasheet HTML 38Page - Texas Instruments LP8501 Datasheet HTML 39Page - Texas Instruments LP8501 Datasheet HTML 40Page - Texas Instruments LP8501 Datasheet HTML 41Page - Texas Instruments LP8501 Datasheet HTML 42Page - Texas Instruments LP8501 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
27 D2 CURRENT CONTROL to 2E D9 CURRENT CONTROL
•
The control registers and control bits for D2 output up to D9 output are similar to that given to D1 output.
36 CONFIG
•
This register contains miscellaneous control bits.
•
36 — Bit [7] PWM_POWERSAVE
–
1 = PWM powersave ON
–
0 = PWM powersave OFF
–
See the Power Saving section for further details.
•
36 — Bit [6] EN_AUTO_INCR
–
The automatic increment feature of the serial bus address enables a quick memory write of successive
registers within one transmission.
–
1 = serial bus address automatic increment is enabled.
–
0 = serial bus address automatic increment is disabled.
•
36 — Bit [5] POWERSAVE_EN
–
1 = power save mode is enabled.
–
0 = power save mode is disabled. See the Power Saving section for further details.
•
36 — Bits [4:3] CP_MODE
–
Charge pump operation mode
–
00 = OFF
–
01 = forced to bypass mode (1x)
–
10 = forced to 1.5x mode; output voltage is boosted to 4.5V.
–
11 = automatic mode selection
•
36 — Bit [2] FADE_TO_OFF
–
Enables group fading when device is shut down through CHIP_EN.
–
1 = Group fading ON.
–
0 = Group fading OFF.
•
36 — Bit [1] RESERVED
–
This bit is reserved and should be written to zero.
•
36 — Bits [0] Clock selection bit
–
Program execution is clocked with internal 32 kHz clock or with external clock. Clocking is controlled with
bits [1:0] n the following way:
–
0 = external clock source (CLK pin)
–
1 = internal clock
–
External clock can be used if a clock signal is present on CLK-pin. External clock frequency must be 32
kHz for correct operation. If a higher or a lower frequency is used, it will affect on the program engine
operation speed.
–
If external clock is not used in the application, CLK pin should be connected to GND to avoid oscillation on
this pin and extra current consumption.
37 ENGINE1 PC
•
37 — Bits [6:0] PC
–
Program counter starting value for program execution engine 1; A value from 0000000 to 1100000. The
maximum value depends on program memory allocation between the three program execution engines.
38 ENGINE2 PC
•
38 — Bits [6:0] PC
–
Program counter starting value for program execution engine 2; A value from 0000000 to 1100000.
39 ENGINE3 PC
•
39 — Bits [6:0] PC
–
Program counter starting value for program execution engine 3; A value from 0000000 to 1100000.
3A STATUS/INTERRUPT
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com