Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 29Page - Texas Instruments LP8501 Datasheet HTML 30Page - Texas Instruments LP8501 Datasheet HTML 31Page - Texas Instruments LP8501 Datasheet HTML 32Page - Texas Instruments LP8501 Datasheet HTML 33Page - Texas Instruments LP8501 Datasheet HTML 34Page - Texas Instruments LP8501 Datasheet HTML 35Page - Texas Instruments LP8501 Datasheet HTML 36Page - Texas Instruments LP8501 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
Table 5. Control Register Map (continued)
Hex
Register Name
Bit(s)
Read/Wr
Default Value
Bit Mnemonic and Description
Address
ite
After Reset
2A
D5 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D5 output current control register. Default current is
17.5 mA (typ.)
2B
D6 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D6 output current control register. Default current is
17.5 mA (typ.)
2C
D7 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D7 output current control register. Default current is
17.5 mA (typ.)
2D
D8 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D8 output current control register. Default current is
17.5 mA (typ.)
2E
D9 CURRENT CONTROL
[7:0]
R/W
10101111
CURRENT
D9 output current control register. Default current is
17.5 mA (typ.)
2F TO 35
RESERVED FOR FUTURE
[7:0]
RESERVED FOR FUTURE USE
USE
36
CONFIG
[7]
R/W
0xxxxx0x
PWM_POWERSAVE
Enables PWM powersave option
[6]
R/W
x1xxxx0x
EN_AUTO_INCR
Serial bus address auto increment enable
[5]
R/W
xx0xxx0x
POWERSAVE_EN
Powersave mode enable
[4:3]
R/W
xxx00x0x
CP_MODE
Charge pump gain selection
[2]
R/W
xxxxx00x
FADE_TO_OFF
Automatic fade out enable
[1]
R/W
xxxxxx0x
RESERVED Note that this bit should always be set
to zero when writing register.
[0]
R/W
xxxxxx00
INT_CLK_EN
LED Clock source selection
37
ENGINE1 PC
[6:0]
R/W
x0000000
PC
Program counter for engine 1
38
ENGINE2 PC
[6:0]
R/W
x0000000
PC
Program counter for engine 2
39
ENGINE3 PC
[6:0]
R/W
x0000000
PC
Program counter for engine 3
3A
STATUS/INTERRUPT
[7]
R
0xxxxxxx
LED_TEST_MEASUREMENT_DONE
Indicates when the LED test measurement is done.
[6]
R
x1xxxxxx
MASK_BUSY
Mask bit for interrupt generated by START_UP
BUSY or ENGINE_BUSY
[5]
R
xx0xxxxx
START_UP BUSY
This bit indicates that the start-up sequence is
running
[4]
R
xxx0xxxx
ENGINE_BUSY
This bit indicates that a program execution engine is
clearing internal registers
[3]
R
xxxx0xxx
EXT_CLK_USED
Indicates when external clock signal bit is set
[2]
R
xxxxx0xx
ENG1_INT
Interrupt bit for program execution engine 1
[1]
R
xxxxxx0x
ENG2_INT
Interrupt bit for program execution engine 2
[0]
R
xxxxxxx0
ENG3_INT
Interrupt bit for program execution engine 3
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com