Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 17Page - Texas Instruments LP8501 Datasheet HTML 18Page - Texas Instruments LP8501 Datasheet HTML 19Page - Texas Instruments LP8501 Datasheet HTML 20Page - Texas Instruments LP8501 Datasheet HTML 21Page - Texas Instruments LP8501 Datasheet HTML 22Page - Texas Instruments LP8501 Datasheet HTML 23Page - Texas Instruments LP8501 Datasheet HTML 24Page - Texas Instruments LP8501 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
LP8501 Engine Programming
The LP8501 has three independent programmable lighting engines. All the lighting engines have their own
program memory block allocated by the user. Note that in order to access program memory the operation mode
needs to be LOAD Program, at least for one of the three lighting engines. Also note that one should not change
from RUN —mode directly to LOAD program. Correct sequence would be RUN (10) –> DISABLED (00) –>
LOAD (01).
Program execution is clocked with 32 768Hz clock. This clock can be generated internally, or an external 32 kHz
clock can be connected to CLK pin. Using external clock enables synchronization of LED timing to this clock
rather than to the internal clock.
The engines have different priorities; thus when more than one engine is controlling the same LED output: the
LED engine 1 has the highest priority, LED engine 2 second highest and LED engine 3 third highest.
Supported instruction set is listed in the tables below:
Table 1. LP8501 LED Driver Instructions
Inst.
Bit [15]
Bit
Bit
Bit
Bit
Bit
Bit [9]
Bit [8] Bit [7] Bit [6]
Bit
Bit [4] Bit [3]
Bit
Bit
Bit
[14]
[13]
[12]
[11]
[10]
[5]
[2]
[1]
[0]
pres
Ramp
0
cale
Step time
Sign
# of increments
Set PWM
0
1
0
0
0
0
0
0
PWM value
pres
Wait
0
cale
Time
0
0
0
0
0
0
0
0
0
Table 2. LP8501 LED Mapping Instructions
Inst.
Bit
Bit
Bit
Bit
Bit
Bit
Bit [9] Bit [8] Bit [7] Bit [6] Bit [5] Bit [4] Bit [3] Bit [2] Bit [1] Bit [0]
[15
[14]
[13]
[12]
[11]
[10]
]
mux_ld
1
0
0
1
1
1
0
0
0
SRAM address 0–95
_start
mux_ld
1
0
0
1
1
1
0
0
1
SRAM address 0–95
_end
mux_se 1
0
0
1
1
1
0
1
0
LED select
l
mux_clr 1
0
0
1
1
1
0
1
0
0
0
0
0
0
0
0
mux_in
1
0
0
1
1
1
0
1
1
0
0
0
0
0
0
0
c
mux_de 1
0
0
1
1
1
0
1
1
1
0
0
0
0
0
0
c
mux_se 1
0
0
1
1
1
1
1
1
SRAM address 0–95
t
Table 3. LP8501 Branch Instructions
Inst.
Bit [15]
Bi t
Bit
Bit [12]
Bit
Bit
Bit [9] Bit [8] Bit [7]
Bit [6]
Bit
Bit
Bit [3]
Bit
Bit
Bit
[14]
[13]
[11]
[10]
[5]
[4]
[2]
[1]
[0]
Go to
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Start
Branch
1
0
1
Loop count
Step number
Int
1
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
End
1
1
0
Int
Reset
X
X
X
X
X
X
X
X
X
X
X
Trigger
1
1
1
Wait for a trigger
Send a trigger
X
Ext. trig
X
X
ENGI
ENGI
ENGI
Ext.
X
X
ENGI
ENG
ENG
X
NE3
NE2
NE1
trig
NE3
INE2
INE1
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com