Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 21Page - Texas Instruments LP8501 Datasheet HTML 22Page - Texas Instruments LP8501 Datasheet HTML 23Page - Texas Instruments LP8501 Datasheet HTML 24Page - Texas Instruments LP8501 Datasheet HTML 25Page - Texas Instruments LP8501 Datasheet HTML 26Page - Texas Instruments LP8501 Datasheet HTML 27Page - Texas Instruments LP8501 Datasheet HTML 28Page - Texas Instruments LP8501 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
END
Ends program execution and resets the PC. Instruction takes sixteen 32 kHz clock cycles. An end instruction can
have two parameters, INT and RESET. These parameters are described in tables below. Execution engine bits
(Register 00h bits [5:0]) are set to zero, i.e., hold mode.
Name
Value
Description
int
0
No interrupt will be sent. PWM registers values will remain intact. Program
counter value is set to 0.
1
Reset program counter value to 0 and send interrupt to processor by pulling
the INT pin down and setting corresponding status bit high to notify that
program has ended. PWM register values will remain intact. Interrupt can
be cleared by reading interrupt bits in STATUS/INTERRUPT register at
address 3Ah
Name
Value
Description
reset
0
Reset program counter value to 0 and hold. PWM register values remain
intact.
1
Reset program counter value to 0 and hold. PWM register values of the
non-mapped drivers will remain. PWM register values of the mapped drivers
will be set to '0000 0000'.
TRIGGER
Wait or send triggers can be used to synchronize operation between the program execution engines. A send
trigger instruction takes sixteen 32 kHz clock cycles and a wait-for trigger takes at least sixteen 32 kHz clock
cycles. The receiving engine stores the triggers which have been sent. Received triggers are cleared by wait for
trigger instruction. Wait for trigger instruction is executed until all the defined triggers have been received (note:
several triggers can be defined in the same instruction).
An external trigger input signal must stay low for at least two 32 kHz clock cycles to be executed. A trigger output
signal is three 32 kHz clock cycles long. An external trigger signal is active low, i.e. when trigger is send/received
the pin is pulled to GND. Sent external trigger is masked, i.e,. the device which has sent the trigger will not
recognize it. If send and wait external triggers are used on the same instruction, the send external trigger is
executed first, then the wait external trigger.
Name
Value (d)
Description
wait for a trigger
0 to 31
Wait for a trigger from the engine(s). Several triggers can be defined in the
same instruction. Bit [7] engages engine 1, bit [8] engages engine 2, bit [9]
engages engine 3 and bit [6] is for external trigger I/O. Bits [4] and [5] are
not in use.
send a trigger
0 to 31
Send a trigger to the engine(s). Several triggers can be defined in the same
instruction. Bit [1] engages engine 1, bit [2] engages engine 2, bit [3]
engages engine 3 and bit [6] is for external trigger I/O. Bits [4] and [5] are
not in use.
Power Saving
Automatic Power Save Mode
Automatic power save mode is enabled when the POWERSAVE_EN bit in register address 36h is ‘1’. Almost all
analog blocks are powered down in power save if an external clock signal is used. Only the charge pump
protection circuits remain active. However, if the internal clock has been selected, only the charge pump and
LED drivers are disabled during the power save; the digital part of the LED controller needs to stay active. In
both cases the charge pump enters the weak 1x mode. In this mode the charge pump utilizes a passive current
limited keep-alive switch, which keeps the output voltage at the battery level. During the program execution
LP8501 can enter power save if there is no PWM activity in any of the LED driver outputs. To prevent short
power save sequences during program execution, LP8501 has an instruction look-ahead filter. During program
execution engine 1, engine 2 and engine 3 instructions are constantly analyzed, and if there are time slots with
no PWM activity on LED driver outputs for 50 ms, the device will enter power save. In power save mode program
execution continues uninterruptedly. When an instruction that requires PWM activity is executed, a fast internal
startup sequence will be started automatically.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com