Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 6Page - Texas Instruments LP8501 Datasheet HTML 7Page - Texas Instruments LP8501 Datasheet HTML 8Page - Texas Instruments LP8501 Datasheet HTML 9Page - Texas Instruments LP8501 Datasheet HTML 10Page - Texas Instruments LP8501 Datasheet HTML 11Page - Texas Instruments LP8501 Datasheet HTML 12Page - Texas Instruments LP8501 Datasheet HTML 13Page - Texas Instruments LP8501 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
VDD = 3.6V
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
LOAD CURRENT (A)
0.12
3.98
4.50
4.24
3.72
3.46
3.20
0.15
0.09
0.07
0.04
0.01
IOUT = 10 mA
100
3.0
VDD (V)
80
60
IOUT = 60 mA
IOUT = 30 mA
2.5
3.5
4.0
4.5
5.0
VLED = 3.3V
VLED = 3.6V
VLED = 3V
IOUT = 45 mA
VDD
2.6
30
3.1
3.6
4.0
4.5
5.0
40
50
60
70
80
90
100
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
0.89
0.92
0.86
0.83
0.81
0.78
0.75
LOAD CURRENT (A)
0.09
0.07
0.12
0.15
0.04
0.01
0
51
102
153
204
255
CURRENT CODE (DEC)
26.0
20.8
15.6
10.4
5.2
0.0
VDD
2.5
17.0
3.1
3.7
4.3
4.9
5.5
17.1
17.1
17.2
17.3
17.3
17.4
17.5
17.5
17.6
17.7
17.7
17.8
17.9
17.9
18.0
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
LED Current vs. Current Register Code
LED Current vs. Supply Voltage
Figure 3.
Figure 4.
LED Drive Efficiency vs. Input Voltage Automatic Gain
Change
Charge Pump Efficiency vs. Load Current 1.5x Mode
Figure 5.
Figure 6.
Charge Pump Efficiency vs. Input Voltage 1.5x Mode
Charge Pump Output Voltage 1.5x Mode vs. Load Current
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com