Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 38Page - Texas Instruments LP8501 Datasheet HTML 39Page - Texas Instruments LP8501 Datasheet HTML 40Page - Texas Instruments LP8501 Datasheet HTML 41Page - Texas Instruments LP8501 Datasheet HTML 42Page - Texas Instruments LP8501 Datasheet HTML 43Page - Texas Instruments LP8501 Datasheet HTML 44Page - Texas Instruments LP8501 Datasheet HTML 45Page - Texas Instruments LP8501 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
40
90
140
190
RESULT (DEC)
5
4
3
2
1
0
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
Figure 30.
48 GROUP FADER1
•
48 — Bits [7:0] GROUP_FADER
–
An 8-bit register to control all the LED-drivers mapped to GROUP FADER1. Group fader allows the user
to control dimming of multiple LEDs with a single serial bus write. This is a faster method to control the
dimming of multiple LEDs compared to the dimming done with the PWM registers (address 16h to 1Eh),
which would need multiple writes.
49 GROUP FADER2
•
49 — Bits [7:0] GROUP_FADER
–
See GROUP FADER1 description.
4A GROUP FADER3
•
4A — Bits [7:0]GROUP_FADER
–
See GROUP FADER1 description.
4C ENGINE1 PROG START ADDR
•
Program memory allocation for program execution engines is defined with PROG START ADDR registers.
•
4C — Bits [6:0] — ADDR
–
Engine 1 program start address.
4D ENG2 PROG START ADDR
•
4D — Bits [6:0] — ADDR
–
Engine 2 program start address.
4E ENG3 PROG START ADDR
•
4E — Bits [6:0] — ADDR
–
Engine 3 program start address.
4F PROG MEM PAGE SELECT
•
4F — Bits [2:0] — PAGE_SEL
–
These bits select the program memory page. The program memory is divided into six pages of 16
instructions; thus the total amount of the program memory is 96 instructions.
76 — GAIN CHANGE CONTROL
Note that these controls have effect only in automatic mode.
•
76 — Bits [7:6] — THRESHOLD
–
Threshold voltage (typ.) pre-setting. Bits set the threshold voltage at which the charge pump gain changes
from 1.5x to 1x. The threshold voltage is defined as the voltage difference between highest voltage output
(D1 to D6) and input voltage VDD : VTHRESHOLD = VDD — MAX (voltage on D1 to D6).
–
If VTHRESHOLD is larger than the set value (100 mV to 400 mV), the charge pump is in 1x mode.
–
00 = 400 mV
42
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com