Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 32Page - Texas Instruments LP8501 Datasheet HTML 33Page - Texas Instruments LP8501 Datasheet HTML 34Page - Texas Instruments LP8501 Datasheet HTML 35Page - Texas Instruments LP8501 Datasheet HTML 36Page - Texas Instruments LP8501 Datasheet HTML 37Page - Texas Instruments LP8501 Datasheet HTML 38Page - Texas Instruments LP8501 Datasheet HTML 39Page - Texas Instruments LP8501 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
LP8501 Control Register Details
00 ENABLE/ ENGINE CONTROL1
•
00 - Bit [6] CHIP_EN
–
1 = internal startup sequence powers up all the needed internal blocks and the device enters normal mode
–
0 = standby mode is entered. Control registers can be written or read (writing into PWM and Channel1–3
PC registers and to register 00h ENGINE1–3_EXEC bits is not possible).
•
00 — Bits [5:4] ENGINE1_EXEC
–
Engine 1 program execution control. Execution register bits define how the program is executed. Program
start address can be programmed to Program Counter (PC) register 37h.
–
00 = Hold: Hold causes the execution engine to finish the current instruction and then stop. Program
counter (PC) can be read or written only in this mode.
–
01 = Step: Execute the instruction at the location pointed by the PC, increment the PC by one and then
reset ENG1_EXEC bits to 00 (i.e. enter hold).
–
10 = Free Run: Start program execution from the instruction pointed by the PC.
–
11 = Execute Once: Execute the instruction pointed by the current PC value and reset ENG1_EXEC to 00
(i.e. enter hold). The difference between step and executeonce is that executeonce does not increment
the PC.
•
00 — Bits [3:2] ENGINE2_EXEC
–
Engine 2 program execution control. Equivalent to above definition of control bits. Program start address
can be programmed to Program Counter (PC) register 38h.
•
00 — Bits [1:0] ENGINE3_EXEC
–
Engine 3 program execution control. Equivalent to engine 1 control bits. Program start address can be
programmed to Program Counter (PC) register 39h.
01 ENGINE CONTROL2
•
Operation modes are defined in this register.
–
Disabled: Engines can be configured to disabled mode separately.
–
Load Program: Writing to program memory is allowed only when the engine is in load program operation
mode and engine busy bit (3Ah) is not set. Serial bus master should check the busy bit before writing to
program memory. All the three engines are in hold while one or more engines are in load program mode.
PWM values are frozen, also. Program execution continues when all the engines are out of load program
mode. Load program mode resets the program counter of the respective engine. Loadprogram mode can
be entered from the disabledmode only. Entering loadprogram mode from the runprogram mode is not
allowed.
–
Run Program: Run program mode executes the instructions stored in the program memory. Execution
register (ENG1_EXEC etc.) bits define how the program is executed (hold, step, freerun or executeonce).
Program start address can be programmed to Program Counter (PC) register. The Program Counter is
reset to zero when the PC’s upper limit value is reached.
–
Halt: Instruction execution aborts immediately and engine operation halts.
•
01 — Bit [5:4] ENGINE1_MODE
–
00 = disabled
–
01 = load program to SRAM, reset engine 1 PC
–
10 = run program as defined by ENGINE1_EXEC bits
–
11 = halt, halts program execution. Current command execution stopped
•
01 — Bits [3:2] ENGINE2_MODE
–
00 = disabled
–
01 = load program to SRAM, reset engine 2 PC
–
10 = run program as defined by ENGINE2_EXEC bits
–
11 = halt, halts program execution. Current command execution stopped
•
01 — Bits [1:0] ENGINE3_MODE
–
00 = disabled
–
01 = load program to SRAM, reset engine 3 PC
36
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com