Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 33Page - Texas Instruments LP8501 Datasheet HTML 34Page - Texas Instruments LP8501 Datasheet HTML 35Page - Texas Instruments LP8501 Datasheet HTML 36Page - Texas Instruments LP8501 Datasheet HTML 37Page - Texas Instruments LP8501 Datasheet HTML 38Page - Texas Instruments LP8501 Datasheet HTML 39Page - Texas Instruments LP8501 Datasheet HTML 40Page - Texas Instruments LP8501 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
–
10 = run program as defined by ENGINE3_EXEC bits
–
11 = halt, halts program execution. Current command execution stopped
•
Note that changing mode from Run to Load is not allowed. Preferred sequence is 10 –> 00 –> 01.
02 GROUP 1 FADING
•
This is the register used to assign fade-in and fade-out times for group 1. Time can be set with 4 bits.
•
02 — Bits [7:4] FADE_IN
•
02 — Bits [3:0] FADE_OUT
FADE_IN/FADE_OUT
Time, s
0000
0.0
0001
0.05
0010
0.1
0011
0.2
0100
0.3
0101
0.4
0110
0.5
0111
0.6
1000
0.7
1001
0.8
1010
0.9
1011
1.0
1100
1.5
1101
2.0
1110
3.0
1111
4.0
03 GROUP 2 FADING
•
See GROUP 1 FADING
04 GROUP 3 FADING
•
See GROUP 1 FADING
05 POWER CONFIG
•
05 — Bit [0] CHP_CON_7_9
–
1 = VDD7_9 should be connected to VOUT
–
0 = VDD7_9 should be connected to VDD
•
05 — Bit [1] CHP_CON_1_6
–
1 = VDD1_6 should be connected to VOUT
–
0 = VDD1_6 should be connected to VDD
06 D1 CONTROL
•
This is the register used to assign the D1 output to the GROUP FADER group 1, 2, or 3, or none of them.
This register selects between linear and logarithmic PWM brightness adjustment. By using logarithmic PWM
scale the visual effect looks like linear. Logarithmic adjustment converts internally an 8-bit PWM value to a
logarithmic 12-bit value.
•
06 — Bit [7:6] GROUP_SELECT
–
00 = No group fader set, clears group fader set for D1. Default setting.
–
01 = Fader group 1 controls the D1 driver. The user can set the overall output of the group by the GROUP
1 FADER register at the address 48h and the fade-in/fade-out time by the GROUP 1 FADING register at
the address 02h.
–
10 = Fader group 2 controls the D1 driver. The user can set the overall output of the group by the GROUP
2 FADER register at the address 49h and the fade-in/fade-out time by the GROUP 2 FADING register at
the address 03h.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com