Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 10Page - Texas Instruments LP8501 Datasheet HTML 11Page - Texas Instruments LP8501 Datasheet HTML 12Page - Texas Instruments LP8501 Datasheet HTML 13Page - Texas Instruments LP8501 Datasheet HTML 14Page - Texas Instruments LP8501 Datasheet HTML 15Page - Texas Instruments LP8501 Datasheet HTML 16Page - Texas Instruments LP8501 Datasheet HTML 17Page - Texas Instruments LP8501 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
CHARGE PUMP
1X/1.5X
C2
0.47 2F
C1
0.47 2F
COUT
1 2F
VOUT
C1+
C1- C2+
C2-
D/A
D1
D2
D6
D7
D8
D9
PROGRAM
MEMORY
50H TO 6FH;
96 INSTRUCTIONS
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
PWM PATTERN
GENERATOR
12 BIT PWM
PATTERN
CONTROL
8 BIT
MAXIMUM
CURRENT
CONTROL
IDAC AND
HIGH SIDE
LED DRIVERS
SCL
SDA
EN
CLK
INT
VDD7_9
VDD1_6
TRIG
GPO
SERIAL
DATA
CTRL
REG
POR
THERMAL
SHUTDOWN
1.25 MHz
OSC
BIAS
VREF
CONTROL
GND
CIN
1 2F
VDD
VDD7_9
VDD1_6
LP8501
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
www.ti.com
LP8501 Block Diagram
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com