Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8501 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8501 Datasheet HTML 13Page - Texas Instruments LP8501 Datasheet HTML 14Page - Texas Instruments LP8501 Datasheet HTML 15Page - Texas Instruments LP8501 Datasheet HTML 16Page - Texas Instruments LP8501 Datasheet HTML 17Page - Texas Instruments LP8501 Datasheet HTML 18Page - Texas Instruments LP8501 Datasheet HTML 19Page - Texas Instruments LP8501 Datasheet HTML 20Page - Texas Instruments LP8501 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
0,0
64,0
128,0
192,0
256,0
DIMMING CONTROL (DEC)
100
80
60
40
20
0
0
64
128
192
256
8-BIT CURRENT
SETTING
0 mA TO 25.5 mA
12-BIT PWM
PATTERN
CONTROL
0% TO 100 %
TIME
PWM FREQUENCY = 312Hz
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
Gain Change Hysteresis
Charge pump gain control utilizes digital filtering to prevent supply voltage disturbances (for example, the
transient voltage on the power supply during the GSM burst) from triggering unnecessary gain changes.
Hysteresis is provided to prevent periodic gain changes, which would occur due to LED driver and charge pump
voltage drops in 1x mode. The hysteresis of the gain change can be configured by the user; default setting is
factory programmable. Flexible configuration ensures that hysteresis can be minimized or set to desired level in
each application.
LED Driver Operational Description
Overview
The LP8501 LED drivers are constant current sources. Output current can be programmed with an I2C register
up to 25.5 mA. The overall maximum current is set by 8-bit output current control registers with 100
μA step size.
Each of the 9 LED drivers has a separate output current control register. See table below for current control.
CURRENT bits
Output Current
00000000
0.0 mA
00000001
0.1 mA
00000010
0.2 mA
...
...
10101111
17.5 mA default setting
....
....
11111110
25.4 mA
11111111
25.5 mA
The LED luminance pattern (dimming) is controlled with PWM (pulse width modulation) technique, which has
internal resolution of 12 bits (8-bit control can be seen by user). PWM frequency is 312 Hz. See Figure 19.
Figure 19. LED Pattern and Current Control Principle
For LED dimming a logarithmic or linear scale can be applied — see the figure below (Figure 20). Logarithmic or
linear scheme can be set for both the program execution engine control and direct PWM control. By using a
logarithmic PWM scale, the visual effect looks linear to the human eye.
Figure 20. Logarithmic vs Linear Dimming
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com